Part Number Hot Search : 
NMR118C HA13480S HE891B 74LV14A MC79L15F IRK71 1029B L1025
Product Description
Full Text Search
 

To Download PN2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
PN2222A
NPN Silicon Transistor
Descriptions
* General purpose application * Switching application
Features
* Low Leakage current * Low collector saturation voltage enabling low voltage operation * Complementary pair with PN2907A
Ordering Information
Type NO. PN2222A Marking PN2222A Package Code TO-92
Outline Dimensions
3.450.1 4.50.1 2.250.1
unit : mm
4.50.1
0.40.02
2.060.1
14.00.40
14.00.40
1.27 Typ. 2.54 Typ.
123
PIN Connections 1. Emitter 2. Base 3. Collector
1.200.1
0.38
KST-9008-000
1
PN2222A
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature range
Ta=25C
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
75 40 5 600 625 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance Delay time Rise time Storage time Fall Time
Ta=25C
Symbol
BVCBO BVCEO BVEBO ICBO hFE VCE(sat) fT Cob td tr ts tf
Test Condition
IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCB=75V, IE=0 VCE=10V, IC=10mA IC=150mA, IB=15mA VCE=20V, IC=20mA, f=100MHz VCB=10V, IE=0, f=1MHz VCC=30Vdc, VBE(off)=0.5Vdc, IC=150mAdc, IB1=15mAdc VCC=30Vdc,IC=150mAdc, IB1=IB2=15mAdc
Min. Typ. Max.
75 40 5 100 250 20 0.4 8 10 25 225 60
Unit
V V V nA V MHz pF ns ns ns ns
KST-9008-000
2
PN2222A
Electrical Characteristic Curves
Fig. 1 PC-Ta Fig. 2 hFE-IC
Fig. 3 VCE(sat)-IC
Fig. 4 Cob-VCB
KST-9008-000
3


▲Up To Search▲   

 
Price & Availability of PN2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X